Part Number Hot Search : 
MP9943 37324 27291SL H040C D2010 R1600 FSH10A09 31030
Product Description
Full Text Search
 

To Download IDT74CBTLV16245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74CBTLV16245 LOW-VOLTAGE 16-BIT BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
LOW-VOLTAGE 16-BIT BUS SWITCH
IDT74CBTLV16245
FEATURES:
* * * * * *
5 A/B bi-directional switch Isolation Under Power-Off Conditions Over-voltage tolerant Latch-up performance exceeds 100mA VCC = 2.3V - 3.6V, normal range ESD >2000V per MIL-STD-883, Method 3015; >200V using machine model (C = 200pF, R = 0) * Available in SSOP, TSSOP, and TVSOP packages
DESCRIPTION:
The CBTLV16245 is a set of 16-bit bus switches. It has standard 16245 pinouts. The device is organized as dual 8-bit low resistance switches with independent Output Enable (xOE) control inputs. The switches can be turned on under the control of the LVTTL-compatible Output Enable signals (xOE) for bidirectional data flow between port A and port B. When xOE is high, the switch is off and a high impedance exists between Port A and Port B. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor.
APPLICATIONS:
* 3.3V High Speed Bus Switching and Bus Isolation
FUNCTIONAL BLOCK DIAGRAM
SIMPLIFIED SCHEMATIC, EACH SWITCH
47 1A1
SW
2 1B1
A 1A8 37 SW 12 1B8
B
48 1OE
OE 36 2A1 SW 13 2B1
2A8
26
SW
23 2B8
25 2OE
INDUSTRIAL TEMPERATURE RANGE
1
c 2003 Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEBRUARY 2003
DSC-5885/6
IDT74CBTLV16245 LOW-VOLTAGE 16-BIT BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
NC
1B1 1B2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCC Description Supply Voltage Range Input Voltage Range Continuous Channel Current IIK TSTG Input Clamp Current, VI/O < 0 Storage Temperature Range Max. -0.5 to 4.6 -0.5 to 4.6 128 -50 -65 to +150 Unit V V mA mA C
1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4
4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5
1OE
1A1 1A2
VI
NC
1B3 1B4
NC
1A3 1A4
NC
1B5 1B6
NC
1A5 1A6
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
GND
1B7 1B8 2B1 2B2
GND
1A7 1A8 2A1 2A2
PIN DESCRIPTION
Pin Names xOE xAx xBx Description Output Enable (Active LOW) Port A Inputs or Outputs Port B Inputs or Outputs
GND
2B3 2B4
GND
2A3 2A4
VCC
2B5 2B6
VCC
2A5 2A6
GND
2B7 2B8
GND
2A7 2A8
FUNCTION TABLE (EACH 8-BIT BUS SWITCH)(1)
Input OE L H
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level
NC
2OE
Operation A-Port = B-Port Disconnect
SSOP/ TSSOP/ TVSOP TOP VIEW
OPERATING CHARACTERISTICS(1)
Symbol VCC VIH VIL TA Parameter Supply Voltage High-Level Control Input Voltage Low-Level Control Input Voltage Operating Free-Air Temperature VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V
NOTE: 1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
Test Conditions
Min. 2.3 1.7 2 -- -- -40
Max. 3.6 -- -- 0.7 0.8 +85
Unit V V V C
2
IDT74CBTLV16245 LOW-VOLTAGE 16-BIT BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIK II IOZ IOFF ICC ICC(2) CI CIO(OFF) Max. at VCC = 2.3V Typ. at VCC = 2.5V RON(3) VCC = 3V VI = 2.4V
NOTES: 1. Typical values are at 3.3V, +25C ambient. 2. The increase in supply current is attributable to each input that is at the specified voltage level rather than VCC or GND. 3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch.
Parameter Control Inputs, Data I/O Control Inputs Data I/O
Test Conditions VCC = 3V, II = -18mA VCC = 3.6V, VI = VCC or GND VCC = 3.6V, VO = 0V or 3.6V switch disabled VCC = 0V, VI or VO = 0V or 3.6V VCC = 3.6V, IO = 0, VI = VCC or GND
Min. -- -- -- -- -- -- -- -- IO = 64mA IO = 24mA IO = 15mA IO = 64mA IO = 24mA IO = 15mA -- -- -- -- -- --
Typ.(1) -- -- -- -- -- -- 4 9 5 5 27 5 5 10
Max. -1.2 1 5 10 10 300 -- -- 8 8 40 7 7 15
Unit V A A A A A pF pF
Control Inputs Control Inputs
VCC = 3.6V, one input at 3V, other inputs at VCC or GND VI = 3V or 0 VO = 3V or 0, OE = VCC VI = 0 VI = 1.7V VI = 0
SWITCHING CHARACTERISTICS
VCC = 2.5V 0.2V Symbol tPD(1) tEN tDIS Propagation Delay A to B or B to A Output Enable Time OE to A or B Output Disable time OE to A or B
NOTE: 1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impededance).
VCC = 3.3V 0.3V Min. -- 1 1 Max. 0.25 4.5 5 Unit ns ns ns
Parameter
Min. -- 1 1
Max. 0.15 5 5.5
3
IDT74CBTLV16245 LOW-VOLTAGE 16-BIT BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30 Unit V V V mV mV pF
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
Propagation Delay
VCC 500 Pulse(1, 2) Generator VIN D.U.T. RT 500 CL VOUT
VLOAD Open GND CONTROL INPUT
ENABLE
DISABLE
tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V
tPLZ
VIH VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH -VHZ 0V
Test Circuits for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test tPLZ/tPZL tPHZ/tPZH tPD Switch VLOAD GND Open
4
IDT74CBTLV16245 LOW-VOLTAGE 16-BIT BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
XXX XX CBTLV IDT XX Temp. Range Device Type Package
PV PA PF
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package
16245
Low-Voltage 16-Bit Bus Switch
74
-40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDT74CBTLV16245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X